Part Number Hot Search : 
TLP2530 MC78L DS7616 M29W64 AZV321 SS6P4C 128160 BT2222
Product Description
Full Text Search
 

To Download SMV1763-079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
Hyperabrupt Junction Tuning Varactor
SMV1763-079 Features
I Low Series Resistance I High Capacitance Ratio at Low Reverse Voltage I Ultra Small SC-79 Package I Designed for High Volume, Low Cost Battery Applications I Available in Tape and Reel Packaging
Description
The SMV1763-079 is a silicon hyperabrupt junction varactor diode specifically designed for 3 V platforms.The specified high capacitance ratio and low RS of this varactor make it attractive for low phase noise VCOs in wireless systems up to and beyond 2.5 GHz. Applications include low noise and wideband UHF and VHF VCO for GSM, PCS, CDMA and analog phones.
Absolute Maximum Ratings
Characteristic Forward Current (IF) Power Dissipation (PD) Storage Temperature (TST) Operating Temperature (TOP) Value 20 mA 250 mW -55C to +150C -55C to +125C
Electrical Specifications at 25C
Parameter Reverse Current (IR) Capacitance (CT) Capacitance (CT) Capacitance Ratio (CTR) Series Resistance (RS) Breakdown Voltage (VBR) VR = 8 V CT @ 0.5 V, VR = 0.5 V, F = 1 MHz CT @ 2.5 V, VR = 2.5 V, F = 1 MHz CT (0.5 V)/CT (2.5 V) VR = 1 V, F = 900 MHz IR = 10 A 10.0 6.2 2.3 2.3 6.7 2.6 2.5 0.5 0.7 V Condition Min. Typ. Max. 20.0 7.2 2.9 Unit nA pF pF
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 10/99A
1
Hyperabrupt Junction Tuning Varactor
SMV1763-079
Typical Performance Data
10.0 8.0 6.0 4.0 2.0 0 0 1 2 3 4 5
Capacitance vs. Voltage
VR (V) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 CT (pF) 9.0 6.7 5.2 4.0 3.2 2.6 2.2 2.0 1.9 1.8 1.8
Capacitance (pF)
Varactor Voltage (V)
Capacitance vs. Voltage
SPICE Model
5
Percentage of Variation (%)
4 3 2 1 0 -1 -2 -3 -4 -40 -20 0 20
VVAR = 1 V VVAR = 2.5 V
IND LS L = LS
PORT P_anode port = 1 DIODEM Diode_Model IS = 1.00e-14 RS = 0 N=1 TT = 0 CJO = CJO M=M EG = 1.11 XTI = 3 KF =0 AF =1 FC = 0.5 BV = 0 IBV = 1e-3 ISR = 0 NR = 2 IKF = 0 NBV = 1 IBVL = 0 NBVL = 1 TBV1 = 0 TNOM = 27 FFE = 1
VVAR = 4 V
RES RS R = RS DIODE Varactor_Diode AREA = 1 MODEL = Diode_Model MODE = nonlinear
CAP CP C = CP
40
60
80
Temperature (C)
Relative Capacitance Change vs. Temperature
PORT P_Cathode port = 2
SC-79
CATHODE 0.006 (0.15 mm) MIN. INDICATOR 0.010 (0.25 mm) MIN. 0.014 (0.35 mm) MAX.
1 2
Part Number SMV1763-079
CJ0 (pF) 8.2
VJ (V) 15
M 9.5
CP (pF) 0.67
RS () 0.5
LS (nH) 0.8
0.028 (0.70 mm) MIN. 0.035 (0.90 mm) MAX.
0.060 (1.50 mm) MIN. 0.067 (1.70 mm) MAX. 0.043 (1.10 mm) MIN. 0.051 (1.30 mm) MAX. 0.020 (0.50 mm) MIN. 0.028 (0.70 mm) MAX. 10 MAX.
10 MAX. 0.003 (0.07 mm) MIN. 0.008 (0.20 mm) MAX.
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 10/99A


▲Up To Search▲   

 
Price & Availability of SMV1763-079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X